|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Steering Diode Arrays - ESD Suppressors CDA Series-G (RoHS Device) Features (16kV) IEC 61000-4-2 capable Fast Reverse Recovery Time Fast Turn on Time Low Capacitance SMD Packages Applications Signal Termination Signal Conditioning ESD Suppression Transient Suppression Schematics 1 1 1 CDAAQ20-G 20 pin CDA2Q20-G 20 pin CDA3S06-G 6 pin 1 1 1 CDA4S14-G 4 pin CDA5Q24-G 24 pin CDA6N08-G 8 pin 1 1 CDA7Q24-G 24 pin CDA8S03-G 3 pin CDA9N08-G 8 pin Steering Diode Arrays - ESD Suppressors Absolute Maximum Ratings: ( Ta = 25oC ) Symbol TOP VS IF Parameter Operating temperature Supply voltage (rail to rail) Continuous forward current * Value -40 to +85 8 50 Units 0 C V mA * One diode conducting. Electrical Ratings: ( Ta = 25oC ) Symbol VF VR IL CT VPV Characteristic Forward voltage Reverse breakdown voltage Reverse leakage current Capacitance Peak ESD voltage capability Min 0.6 7.2 + 0.1 1.0 Max 0.95 + 2.0 5.0 16 Units V V uA pF kV Test Condition IF = 50 ma IR = 1 ma 7.1v @ 1Mhz IEC 61000-4-2 Application: Transient (ESD Suppression) + Rail Transient suppressed Receiver - Rail or GND Driver ( Signal Conditioning ) Signal Ringing + Rail Ringing Eliminate Receiver - Rail or GND Driver Package Information: p d d p d p S06 L d p W S03 W S14 W W N08 - W20 - Q20 - Q24 L Package Code S03 S14 S06 N08 W20 Q20 Q24 Total Power 225 mw 225 mw 225 mw 400 mw 1200mw 1000mw 1000mw L Number of Pins 3 4 6 8 20 20 24 L + 0.2 2.92 2.92 2.92 4.83 12.70 8.66 8.66 L W + 0.2 2.30 2.30 2.80 5.99 10.36 5.99 5.99 p + 0.1 1.91 1.91 0.95 1.27 1.27 0.635 0.635 Pkg. Height + 0.2 0.95 0.95 0.95 1.60 2.40 1.60 1.60 d + 0.05 0.43 0.43 0.43 0.41 0.41 0.25 0.25 Ordering Information: CDAA CDAA CDA2 CDA3 CDA4 CDA5 CDA6 CDA7 CDA8 CDA9 Q20 S03 = 3 pin SOT23 S14 = 4 pin SOT23 S06 = 6 pin SOT23 N08 = 8 pin Narrow SOIC W20 = 20 pin Wide SOIC Q20 = 20 pin QSOP Q24 = 24 pin QSOP -G RoHS Compliant Type Package |
Price & Availability of CDAAW20-G |